Part Number Hot Search : 
SPM3211 LC7940K TT6061J SFH263F PC2501 PUMB14 TC4553 T600C
Product Description
Full Text Search
 

To Download EM56101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
GENERAL DESCRIPTION
EM56000A is a series of single chip dual channel IC with voice synthesizer. The dual channel can be (voice + voice) simultaneously. That contains some input and I/O ports, and a tiny controller. By programming through the tiny controller, user's application including section combination, trigger modes, control outputs, IR communication, and other logical function can be easily implemented.
FEATURES
TOTAL ROM(bits) PROGRAM ROM(bits) RAM(nibbles) PORT1 [input](pins) PORT2 [I/O](pins) PORT3 [I/O](pins) VO(pins) EM56001A EM56101A EM56200A EM56300A EM56400A EM56500A EM56600A 10K x 10 16K x 10 32K x 10 64K x 10 128K x 10 256Kx10 512Kx10 8K x 10 32K x 10 32 64 128 4 2 4 4 1 2
* Single power supply 2.4 V~ 5.5 V. * Port1 and Port2 with wake-up function, Port3.2 with programmable IR (38 KHz carry) communication function. * Power down mode for saving power consumption. * Single ROM for voice program data. * Readable ROM code data. * One 6-bit timer overflow control. * Two stacks for subroutine calling. * Dual channel output simultaneously : (voice + voice). * 5-bit ASPCM synthesizer. * Multiple playing speeds in 2 KHz ~ 32 KHz for voice playback. * Multiple levels of volume control. * Fixed current D/A to drive external connected transistor for audio output.
* This specification are subject to be changed without notice.
10.15.2001
1
M56000A EASY SOUND - EM56000ASERIES TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PIN DESCRIPTIONS
Symbol P1.0 P1.1 P1.2 P1.3 P2.0 P2.1 P2.2 P2.3 P3.0 P3.1 P3.2 P3.3 VDD OSC VSS VO1 VO2 TEST I/O I I I I I/O I/O I/O I/O I/O I/O I/O I/O I I I O O Function Bit 0 of Port 1. (not for EM56001A, EM56101A) Bit 1 of Port 1. (not for EM56001A, EM56101A) Bit 2 of Port 1. (not for EM56001A, EM56101A) Bit 3 of Port 1. (not for EM56001A, EM56101A) Bit 0 of Port 2. (not for EM56001A) Bit 1 of Port 2. (not for EM56001A) Bit 2 of Port 2. Bit 3 of Port 2. Bit 0 of Port 3. Bit 1 of Port 3. Bit 2 of Port 3. The pin can generate 38KHz square wave. Bit 3 of Port 3. The pin can be treated as an LED output flashing with volume. Positive power supply. Oscillation component connection pin. Negative power supply. Audio1 output. Audio2 output. (not for EM56001A, EM56101A) For testing only
ABSOLUTE MAXIMUM RATINGS
Items Supply Voltage Input Voltage Operating Temperature Storage Temperature Sym. V DD -V SS V IN T OP TSTG Min. -0.3 VSS-0.3 -20 -55 Max. 6.0 VDD+0.3 70 +125 Unit V V o C o C
ELECTRICAL CHARACTERISTICS
Parameter Operating voltage Standby current Operating current Drive current of P2,P3 Sink current of P3 Sym. V DD IDDS IDDO IOD IOS Min. 2.4 2.0 2.3 Typ. 3.0 3.0 3.5 Max. 5.5 1.0 250 Unit V A A mA mA VDD=3V VDD=3V, No load VDD=3V, VO=2.4V VDD=3V, VO=0.4V Condition
* This specification are subject to be changed without notice.
10.15.2001
2
EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
Parameter Sink current of P2 Sym. I OS1 I OS2 I IH I VO R OSC F OSC
F OSC
Min. 2.3 4.0 0.9 -10
Typ. 3.5 3.0 3.0 5.0 470 1.0 0
Max. 10 10 6.0 1.1 10
Unit mA
Condition VDD=3V, VO=0.4V VDD=3V, VO=0.4V V DD=3V VDD=3V, VO=0.7V, two channel full scale output VDD=2.4V~ 5.5V VDD=2.4V~ 5.5V VDD=2.4V~ 5.5V
(after KEYB)
Sink current of P2 (before KEYB) Input current of P1 Output current of VO1, VO2 Oscillation resistor Oscillation frequency Oscillation frequency deviation
A A
mA K MHz %
FOSC
APPLICATION CIRCUIT In the following application circuits: *1 : For heavy loading application, adding an electrolytic capacitor between Vcc and Ground is recommanded. The recommanded value for button cell application is 10F. *2 : The recommanded value for button cell application is 750 or less.
10-key Application Circuit For EM56001A
VCC
TR1
TR3
TR5
TR7
TR9
VCC
*1
9 10 TR2 VDD OSC P2.2 P2.3 P3.0 P3.1 P3.2 P3.3 VO1 3 4 5 6 7 8 13 VCC TR4 TR6 TR8 TR10
12 11
TEST VSS
EM56001A
NPN
Rb
*2
* This specification are subject to be changed without notice.
10.15.2001
3
M56000A EASY SOUND - EM56000ASERIES TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
20-key Application Circuit For EM56101A
VCC TR9 TR13 TR17
TR1
TR5
TR2
TR6
TR10
TR14
TR18
VCC *1 9 10 VDD OSC P2.0 P2.1 P2.2 P2.3 P3.0 P3.1 P3.2 P3.3 1 2 3 4 5 6 7 8
TR3
TR7
TR11
TR15
TR19
TR4
TR8
TR12
TR16
TR20
12 11
TEST VSS
VO1 13 VCC
EM56101A
NPN
Rb
*2
20-key Application Circuit For EM56200A~EM56600A
VCC
TR1 TR2 TR3 TR4
TR5 TR6 TR7 TR8
TR9 TR10 TR11 TR12
TR13 TR14 TR15 TR16
TR17 TR18 TR19 TR20
*1 VCC
1 2 3 4 13 14 16 15
P1.0 P1.1 P1.2 P1.3 VDD OSC TEST VSS VO2
VCC
P2.0 P2.1 P2.2 P2.3 P3.0 P3.1 P3.2 P3.3 VO1
5 6 7 8 9 10 11 12 17
VCC
NPN
NPN
Rb
*2
Rb
*2
* This specification are subject to be changed without notice.
10.15.2001
4
EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
32-key Application Circuit For EM56200A~EM56600A
VCC
NPN
Rb
VCC
*2
*1 VCC
15 16 14 13
VSS TEST OSC VDD VO2 P1.3 P1.2 P1.1 P1.0
VO1 P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
17 12 11 10 9 8 7 6 5 D1 VCC
TR1 TR2 TR3 TR4 TR5 TR6 TR7 TR8 TR9 TR10 TR11 TR12 TR13 TR14 TR15 TR16 TR17 TR18 TR19 TR20 TR21 TR22 TR23 TR24 TR25 TR26 TR27 TR28 TR29 TR30 TR31 TR32
NPN
Rb
*2
4 3 2 1
10K D2
10K D3
10K
64-key Application Circuit For EM56200A~EM56600A
VCC
NPN
Rb
VCC
*2
*1 VCC
15 16 14 13
VSS TEST OSC VDD VO2 P1.3 P1.2 P1.1 P1.0
VO1 P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
17 12 11 10 9 8 7 6 5
TR1 TR2 TR3 TR4 TR5 TR6 TR7 TR8
NPN
Rb
*2
4 3 2 1
D1 VCC
TR9 TR10 TR11 TR12 TR13 TR14 TR15 TR16 TR17 TR18 TR19 TR20 TR21 TR22 TR23 TR24 TR25 TR26 TR27 TR28 TR29 TR30 TR31 TR32 TR33 TR34 TR35 TR36 TR37 TR38 TR39 TR40 TR41 TR42 TR43 TR44 TR45 TR46 TR47 TR48
10K D2
10K D3
10K
TR49 TR50 TR51 TR52 TR53 TR54 TR55 TR56
TR57 TR58 TR59 TR60 TR61 TR62 TR63 TR64
* This specification are subject to be changed without notice.
10.15.2001
5
M56000A EASY SOUND - EM56000ASERIES TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
128-key Application Circuit (A) For EM56200A~EM56600A
VCC
NPN
Rb
VCC
*2
*1 VCC
15 16 14 13
VSS TEST OSC VDD VO2 P1.3 P1.2 P1.1 P1.0
VO1 P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
17 12 11 10 9 8 7 6 5
TR1 TR2 TR3 TR4 TR5 TR6 TR7 TR8
NPN
Rb
*2
4 3 2 1
D1 VCC
TR9 TR10 TR11 TR12 TR13 TR14 TR15 TR16 TR17 TR18 TR19 TR20 TR21 TR22 TR23 TR24 TR25 TR26 TR27 TR28 TR29 TR30 TR31 TR32 TR33 TR34 TR35 TR36 TR37 TR38 TR39 TR40 TR41 TR42 TR43 TR44 TR45 TR46 TR47 TR48
10K D2
10K D3
10K
TR49 TR50 TR51 TR52 TR53 TR54 TR55 TR56
TR57 TR58 TR59 TR60 TR61 TR62 TR63 TR64
128-key Application Circuit (B) For EM56200A~EM56600A
L9 10K P31 P33 10K P31 P33 10K P32 L11 P33 10K P31 P30 P32 P31 L10 P31 P30 L13 L12 10K P32 P30 P33 10K L15 L14 P33 10K P32 P31 P30 10K L16
P32
P32
P33
L9
TR65 TR73 TR74 TR75 TR76 TR77 TR78 TR79 TR80
L10
TR81 TR82 TR83 TR84 TR85 TR86 TR87 TR88
L11
TR89 TR90 TR91 TR92 TR93 TR94 TR95 TR96
L12
TR97 TR98 TR99
TR100 TR101 TR102 TR103 TR104
L13
TR105 TR106 TR107 TR108 TR109 TR110 TR111 TR112
L14
TR113 TR114 TR115 TR116 TR117 TR118 TR119 TR120
L15
TR121 TR122 TR123 TR124 TR125 TR126 TR127 TR128
L16
P10 P11
TR66 TR67
P12 P13 P20
TR68 TR69 TR70
P21 P22
TR71 TR72
P23
* This specification are subject to be changed without notice.
10.15.2001
6
EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
PAD DIAGRAM
ary elimin Pr
VO1
3
(0,0)
VDD P3.3
4 5
EM56001A
6
7
8
9
10
13
14
15
P3.2
P3.1
P3.0
P2.3
P2.2
GND OSC TEST
Chip Size : 1300 x 1500 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol NC NC VO1 VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 NC NC GND OSC TEST NC NC NC NC NC X Y
-402.0 -418.4 -418.4 -440.4 -318.8 -198.2 -76.1 46.3
421.4 -125.4 -269.3 -523.4 -523.4 -523.4 -523.4 -523.4
190.5 321.5 442.7
-523.4 -523.4 -523.4
* This specification are subject to be changed without notice.
10.15.2001
7
M56000A EASY SOUND - EM56000ASERIES TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PAD DIAGRAM
VO1
3
(0,0)
VDD P3.3
4 5
EM56101A
6
7
8
9
10
11
12
13
14
15
P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0 GND OSC TEST
Chip Size : 1500 x 1400 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol NC NC VO1 VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0 GND OSC TEST NC NC NC NC NC X Y
-512.0 -528.4 -528.4 -564.8 -443.9 -323.0 -200.9 -78.5 43.9 166.3 310.5 441.5 562.7
391.0 -153.7 -284.7 -498.4 -498.4 -498.4 -498.4 -498.4 -498.4 -498.4 -498.4 -498.4 -498.4
* This specification are subject to be changed without notice.
10.15.2001
8
EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PAD DIAGRAM
25 24
TEST
OSC GND P1.0 P1.1 P1.2 P1.3
VO2
8
(0,0)
23 22 21
EM56200A
VO1
9
20
19 10
11 12
13
14
15
16
17
18
VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
Chip Size : 1700 x 1750 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol NC NC NC NC NC NC NC VO2 VO1 VDD P3.3 P3.2 P3.1 P3.0 X Y Pad No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol P2.3 P2.2 P2.1 P2.0 P1.3 P1.2 P1.1 P1.0 GND OSC TEST NC NC NC X 232.4 354.8 477.2 599.6 588.4 588.4 588.4 588.4 588.4 588.4 588.4 Y -628.4 -628.4 -628.4 -628.4 -453.7 -331.3 -208.9 -86.5 57.7 188.7 309.9
-572.0 -572.0 -383.4 -252.4 -131.5 -10.6 110.3
-17.2 -401.5 -628.4 -628.4 -628.4 -628.4 -628.4
* This specification are subject to be changed without notice.
10.15.2001
9
M56000A EASY SOUND - EM56000ASERIES TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PAD DIAGRAM
25 24
TEST
OSC GND P1.0 P1.1 P1.2 P1.3
VO2
8
(0,0)
23 22 21
EM56300A
VO1
9
20
19 10
11 12
13
14
15
16
17
18
VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
Chip Size : 1700 x 2000 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol NC NC NC NC NC NC NC VO2 VO1 VDD P3.3 P3.2 P3.1 P3.0 X Y Pad No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol P2.3 P2.2 P2.1 P2.0 P1.3 P1.2 P1.1 P1.0 GND OSC TEST NC NC NC X 232.4 354.8 477.2 599.6 588.4 588.4 588.4 588.4 588.4 588.4 588.4 Y -758.4 -758.4 -758.4 -758.4 -583.7 -461.3 -338.9 -216.5 -72.3 58.7 179.9
-572.0 -572.0 -383.4 -252.4 -131.5 -10.6 110.3
-147.2 -531.6 -758.4 -758.4 -758.4 -758.4 -758.4
* This specification are subject to be changed without notice.
10.15.2001
10
EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PAD DIAGRAM
25
(0,0)
TEST OSC GND P1.0 P1.1 P1.2 P1.3
24 23
EM56400A VO2
8 22 21
VO1
9
20 19 10 11 12 13 14 15 16 17 18
VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
Chip Size : 1700 x 2500 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol NC NC NC NC NC NC NC VO2 VO1 VDD P3.3 P3.2 P3.1 P3.0 X Y Pad No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol P2.3 P2.2 P2.1 P2.0 P1.3 P1.2 P1.1 P1.0 GND OSC TEST NC NC NC X 232.4 354.8 477.2 599.6 588.4 588.4 588.4 588.4 588.4 588.4 588.4 Y -1023.4 -1023.4 -1023.4 -1023.4 -848.7 -726.3 -603.9 -481.5 -337.3 -206.3 -85.1
-572.0 -572.0 -383.4 -252.4 -131.5 -10.6 110.3
-412.2 -796.5 -1023.4 -1023.4 -1023.4 -1023.4 -1023.4
* This specification are subject to be changed without notice.
10.15.2001
11
M56000A EASY SOUND - EM56000ASERIES TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PAD DIAGRAM
(0,0)
25 24 23
TEST
OSC GND P1.0 P1.1 P1.2 P1.3
EM56500A VO2
8
22 21
VO1
9
20
19 10
11 12
13
14
15
16
17
18
VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0
Chip Size : 1700 x 3600 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol NC NC NC NC NC NC NC VO2 VO1 VDD P3.3 P3.2 P3.1 P3.0 X Y Pad No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol P2.3 P2.2 P2.1 P2.0 P1.3 P1.2 P1.1 P1.0 GND OSC TEST NC NC NC X 232.4 354.8 477.2 599.6 588.4 588.4 588.4 588.4 588.4 588.4 588.4 Y -1543.4 -1543.4 -1543.4 -1543.4 -1368.7 -1246.3 -1123.9 -1001.5 -857.3 -726.3 -605.1
-572.0 -572.0 -383.4 -252.4 -131.5 -10.6 110.3
-932.2 -1316.6 -1543.4 -1543.4 -1543.4 -1543.4 -1543.4
* This specification are subject to be changed without notice.
10.15.2001
12
EASY SOUND - EM56000ASERIES
TINYCONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
ary elimin Pr
PAD DIAGRAM
(0,0)
EM56600A
25
TEST
OSC GND
VO2 VO1
8
9
24 23
10
11
12
13
14
15
16
17
18
19
20
21
22
VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 P2.1 P2.0 P1.3 P1.2 P1.1 P1.0
Chip Size : 3050 x 3100 um For PCB layout, IC substrate must be connected to Vss. Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol NC NC NC NC NC NC NC VO2 VO1 VDD P3.3 P3.2 P3.1 P3.0 P2.3 P2.2 X Y Pad No. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Symbol P2.1 P2.0 P1.3 P1.2 P1.1 P1.0 GND OSC TEST NC NC NC NC NC NC NC X 377.4 553.9 739.8 916.3 1102.2 1278.7 1293.4 1293.4 1293.4 Y -1340.0 -1340.0 -1340.0 -1340.0 -1340.0 -1340.0 -1138.0 -1007.0 -885.8
-1285.0 -1285.0 -884.3 -695.7 -519.2 -342.7 -166.2 15.0 191.5
-1111.6 -1241.6 -1340.0 -1340.0 -1340.0 -1340.0 -1340.0 -1340.0 -1340.0
* This specification are subject to be changed without notice.
10.15.2001
13


▲Up To Search▲   

 
Price & Availability of EM56101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X